PART |
Description |
Maker |
15KPJ45 15KPJ45A 15KPJ45C 15KPJ45CA 15KPJ58 15KPJ5 |
Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 376 V @ Ipp = 40 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/243.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 308 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 220 V. Vbr(min/max) = 242/310.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 394 V @ Ipp = 38 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/154.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 196 V @ Ipp = 77 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/205.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 259 V @ Ipp = 58 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/226.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 287 V @ Ipp = 52 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/182.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 231 V @ Ipp = 65 A. Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/169.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 214 V @ Ipp = 70 A. GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特175000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特75000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压220伏特75000脉冲峰值功率) Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/153.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 193 V @ Ipp = 78 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/165.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 209 V @ Ipp = 72 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/217.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 275 V @ Ipp = 55 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/140.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 177 V @ Ipp = 85 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/239.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 304 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/267.4 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A. Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A.
|
Pan Jit International I... PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
GP10M GP10A GP10B GP10D GP10G GP10J GP10K |
1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 470uF; Voltage: 16V; Case Size: 10x9 mm; Packaging: Bulk Glass Passivated Junction Rectifiers 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
1N4384GP 1N4385GP 1N4585GP 1N4383GP |
Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 800V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 200V
|
Vishay
|
1N3957GP 1N3611GP 1N3612GP 1N3613GP 1N3614GP |
GLASS PASSIVATED JUNCTION RECTIFIER 玻璃钝化整流 Glass Passivated Junction Rectifier(钝化玻璃结型整流
|
GE Security, Inc. GE[General Semiconductor]
|
1N6480 1N6481 1N6482 1N6484 1N6483 |
Surface Mount Glass Passivated Junction Rectifiers, Forward Current 1.0A, Rev. Voltage 200V Surface Mount Glass Passivated Junction Rectifiers, Forward Current 1.0A, Rev. Voltage 400V Surface Mount Glass Passivated Junction Rectifiers, Forward Current 1.0A, Rev. Voltage 600V Surface Mount Glass Passivated Junction Rectifiers, Forward Current 1.0A, Rev. Voltage 1000V Surface Mount Glass Passivated Junction Rectifiers, Forward Current 1.0A, Rev. Voltage 800V
|
Vishay
|
RGP02-20E RGP02-16E RGP02-17 RGP02 RGP02-12 RGP02- |
From old datasheet system Glass Passivated Junction Fast Switching Rectifier, Forward Current 0.5A, Reverse Voltage 1200 to 2000V Glass Passivated Junction Fast Switching Rectifier
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
RGL41M RGL41A RGL41B RGL41G RGL41J RGL41D BYM11-50 |
Surface Mount Glass Passivated Junction Rectifier(表贴型钝化玻璃结型整流器) SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
|
GE Security, Inc. GE[General Semiconductor]
|
FR102G FR105G FR107G FR101G FR103G FR104G FR106G F |
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS 1000 V, 1 A, glass passivated junction fast recovery rectifier
|
Electronics Industry Public Company Limited EIC[EIC discrete Semiconductors] EIC discrete Semiconduc...
|
FR251G05 |
GLASS PASSIVATED JUNCTION
|
EIC discrete Semiconductors
|
FR201G05 |
GLASS PASSIVATED JUNCTION
|
EIC discrete Semiconductors
|
FR151G05 |
GLASS PASSIVATED JUNCTION
|
EIC discrete Semiconductors
|
1N4934G 1N4937G 1N4935G |
GLASS PASSIVATED JUNCTION
|
Galaxy Semi-Conductor Holdings Limited
|